PART |
Description |
Maker |
HA1-5340883 HA4-5340883 HA5340883 HA5340_883 FN245 |
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier 高速,低失真,精密单片采样和保持放大器 From old datasheet system High Speed/ Low Distortion/ Precision Monolithic Sample and Hold Amplifier
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AD8652ARZ-REEL7 AD8651ARMZ-R2 AD8651ARMZ-REEL AD86 |
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
|
Analog Devices
|
AMP03 AD8270 AD8274 AD8274ARZ AD8274ARZ-RL AD8274A |
Very Low Distortion, Precision Difference Amplifier
|
Aavid Thermalloy, LLC
|
LTC6601CUF-2PBF LTC6601CUF-2 LTC6601CUF-2TRPBF LTC |
LTC6601-2 - Low Power, Low Distortion, Low Power, Low Distortion, 5MHz to 27MHz, Pin Con?gurable Filter/ADC Driver; Package: QFN; Number of Pins: 20; Temperature Range: 0°C to 70°C Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
|
LINEAR TECHNOLOGY CORP
|
5962-9316302HTA 5962-9316302HXC 5962R9316302HTA 59 |
740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5 DC至DC转换 Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference DC至DC转换 DC to DC Converter DC至DC转换
|
CML Innovative Technologies Hanlong Industrial Co., Ltd. Analog Devices, Inc. TE Connectivity, Ltd.
|
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
MAX4250 MAX4250EUK MAX4250EUK-T MAX4251 MAX4252 MA |
Differential Bus Transceivers 8-SOIC DUAL OP-AMP, 750 uV OFFSET-MAX, 22 MHz BAND WIDTH, PDSO14 SOT23 / Single-Supply / Low-Noise / Low-Distortion / Rail-to-Rail Op Amps SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] http://
|
LCX018AK |
1.8cm(0.7-inch)NTSC/PAL/WID Color LCD Panel
|
SONY
|
27C512A-90/J 27C512A-90/K 27C512A-70/J 27C512A-70/ |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps 500MHz, Low-Power Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps Evaluation Kit for the MAX4104, MAX4105, MAX4304, MAX4305 Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps 400MHz, Ultra-Low-Distortion Op Amps x8 EPROM x8存储 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 350MHz, Ultra-Low-Noise Op Amps x8存储 Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers x8存储
|
Integrated Device Technology, Inc.
|
LTC1562ACG 1562F LTC1562C LTC1562 LTC1562AIG LTC15 |
Very Low Noise, Low Distortion Active RC Quad Universal Filter From old datasheet system Very Low Noise Low Distortion Active RC Quad Universal Filter
|
LINER[Linear Technology]
|
MAX4269 MAX4267 MAX4265-MAX4270 |
"Dual, 450MHz, Ultra-Low- Distortion, Single-Supply Op Amp with Enable (AV> 2)" " Single, 300MHz, Ultra-Low- Distortion, Single-Supply Op Amp with Enable (AV> 5)" From old datasheet system
|
Maxim
|